Part Number Hot Search : 
BF965 C2004 CBTL061 SCT61110 BUV48B C244A 1060CT 1N6154A
Product Description
Full Text Search
 

To Download EL5482CU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
T DUC EMENT PRO t ETE REPLAC enter a OL OBS ENDED upport C om/tsc M S il.c ical COM nters Data Techn O RE urSheetr www.i N IL o act o cont -INTERS 88 1-8
EL5481, EL5482
June 14, 2001 FN7199
Quad 8ns High-Speed Comparators
The EL5481 and EL5482 comparators are designed for operation in single supply and dual supply applications with 5V to 12V between VS+ and VS-. For single supplies, the inputs can operate from 0.1V below ground for use in ground sensing applications. The output side of the comparators can be supplied from a single supply of 2.7V to 5V. The rail-to-rail output swing enables direct connection of the comparator to both CMOS and TTL logic circuits. The latch input of the EL5482 can be used to hold the comparator output value by applying a low logic level to the pin. The EL5481 is available in the 16-pin SO (0.150") package and the EL5482 in the 24-pin QSOP package. All are specified for operation over the full -40C to +85C temperature range. Also available are a single (EL5181), a dual (EL5281), and a window comparator (EL5283).
Features
* 8ns Typ. Propagation Delay * 5V to 12V Input Supply * +2.7V to +5V Output Supply * True-to-ground Input * Rail-to-rail Outputs * Active Low Latch * Single (EL5181) Available * Dual (EL5281) Available * Window Available (EL5283) * Pin-compatible 4ns Family Available (EL5185, EL5285, EL5287, EL5485 & EL5486)
Applications
* Threshold Detection * High Speed Sampling Circuits * High Speed Triggers
Pinouts
EL5482 (24-PIN QSOP) TOP VIEW EL5481 [16-PIN SO (0.150")] TOP VIEW
* Line Receivers * PWM Circuits * High Speed V/F Converters
INA- 1 INA+ 2 NC 3 GND 4 LATCHA 5 OUTA 6 OUTB 7 LATCHB 8 VS- 9 + NC 10 INB+ 11 INB- 12 + +
24 IND23 IND+ 22 NC 21 VS+ 20 LATCHD 19 OUTD 18 OUTC 17 LATCHC 16 VSD 15 NC 14 INC+ 13 INC-
INA- 1 INA+ 2 GND 3 OUTA 4 OUTB 5 VS- 6 + INB+ 7 INB- 8 -+ + -+
16 IND15 IND+ 14 VS+ 13 OUTD 12 OUTC
Ordering Information
PART NUMBER EL5481CS EL5481CS-T7 PACKAGE 16-Pin SO (0.150") 16-Pin SO (0.150") 16-Pin SO (0.150") 24-Pin QSOP 24-Pin QSOP TAPE & REEL 7" 13" 13" PKG. NO. MDP0027 MDP0027 MDP0027 MDP0040 MDP0040
11 VSD
EL5481CS-T13
10 INC+ 9 INC-
EL5482CU EL5482CU-T13
+
-
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc. All other trademarks mentioned are the property of their respective owners.
EL5481, EL5482
Absolute Maximum Ratings (TA = 25C)
Analog Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . +12.6V Digital Supply Voltage (VSD to GND). . . . . . . . . . . . . . . . . . . . . .+7V Differential Input Voltage . . . . . . . . . . .[(VS-) -0.2V] to [(VS+) +0.2V] Common-mode Input Voltage . . . . . . .[(VS-) -0.2V] to [(VS+) +0.2V] Latch Input Voltage . . . . . . . . . . . . . . . . . . . . -0.2V to [(VSD) +0.2V] Storage Temperature Range . . . . . . . . . . . . . . . . . .-65C to +150C Ambient Operating Temperature . . . . . . . . . . . . . . . .-40C to +85C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
PARAMETER INPUT VOS IB CIN IOS VCM CMRR OUTPUT VOH VOL
VS = 5V, VSD = 5V, RL = 2.3k, CL = 15pF, TA = 25C, unless otherwise specified. CONDITION MIN TYP MAX UNIT
DESCRIPTION
Input Offset Voltage Input Bias Current Input Capacitance Input Offset Current Input Voltage Range Common-mode Rejection Ratio
VCM = 0V, VO = 2.5V -6
1 -3.5 5
4
mV A pF
VCM = 0V, VO = 2.5V
-2.5 (VS-) -0.1
0.5
2.5 (VS+) -2.25
A V dB
-5.1V < VCM < +2.75V
65
90
Output High Voltage Output Low Voltage
VIN > 250mV VIN > 250mV
VSD -0.6
VSD -0.4 GND +0.25 GND +0.5
V V
DYNAMIC PERFORMANCE tpd+ tpdSUPPLY IS+ ISISD Positive Analog Supply Current Negative Analog Supply Current Digital Supply Current (per comparator) (per comparator) (per comparator) All outputs high (per comparator) All outputs low PSRR Power Supply Rejection Ratio 60 7 5 4 0.75 80 8.2 6.5 5 1 mA mA mA mA dB Positive Going Delay Time Negative Going Delay Time VIN = 1VP-P, VOD = 50mV VIN = 1VP-P, VOD = 50mV 8 8 12 12 ns ns
LATCH - EL5482 ONLY VLH VLL ILH ILL td + td ts th tpw(D) Latch Input Voltage High Latch Input Voltage Low Latch Input Current High Latch Input Current Low Latch Disable to High Delay Latch Disable to Low Delay Minimum Setup Time Minimum Hold Time Minimum Latch Disable Pulse Width VLH = 3.0V VLL = 0.3V 0.8 -30 -30 -18 -24 6 6 2 1 10 2.0 V V A A ns ns ns ns ns
2
EL5481, EL5482 Typical Performance Curves
Positive Supply Current vs Temperature (per comparator) 7.15 7.1 7.05 7 IS+ (mA) 6.95 6.9 6.85 6.8 6.75 6.7 -50 -5 -5.1 -5.2 -50 IS- (mA) -4.4 -4.5 -4.6 -4.7 -4.8 -4.9 Negative Supply Current vs Temperature (per comparator)
-30
-10
10
30
50
70
90
-30
-10
10
30
50
70
90
Temperature (C) Positive Supply Current vs Supply Voltage (per comparator) 7 6 5 IS+ (mA) 4 3 2 3.5 1 0 0 1 2 3 VS+ (V) Input Bias Current vs Temperature 6 0.7 0.6 5 0.5 0.4 VOS (mV) 0.3 0.2 0.1 0 -0.1 -0.2 0 -50 -0.3 -50 4 5 6 7 3 0 1 2 4.5 IS- (mA) VS-=-5V VSD=5V VIN=50mV TA=25C 5.5 VS+=5V VSD=5V VIN=50mV TA=25C
Temperature (C) Negative Supply Current vs Negative Supply Voltage (per comparator)
5
4
3 VS- (V)
4
5
6
7
Offset Voltage vs Temperature
4 IB (A)
3
2
1
-30
-10
10
30
50
70
90
-30
-10
10
30
50
70
90
Temperature (C)
Temperature (C)
3
EL5481, EL5482 Typical Performance Curves
Propagation Delay vs Overdrive 10 9.5 9 8.5 Delay Time (ns) 8 7.5 7 6.5 6 5.5 5 0 6 0 TpdTpd+ Delay Time (ns) VS=5V VSD=5V VIN=1V Step RL=2.2k 12 VS=5V VSD=5V RL=2.2k VIN=1V Step VOD=50mV Tpd+
(Continued)
Propagation Delay vs Load Capacitance
11
10
9
8
Tpd-
7
100
200
300 VOD (mV)
400
500
600
20
40
60 CLOAD (pF)
80
100
120
Propagation Delay vs Supply Voltage 10 9.5 9 8.5 Delay Time (ns) Delay Time (ns) 8 7.5 7 6.5 6 5.5 5 4 6.5 Tpd8.5 8 7.5 Tpd+ VSD=VS+ VIN=1V Step VOD=50mV RL=2.2k 10 9.5 9
Propagation Delay vs Overdrive
Tpd+
Tpd7 VS=5V VSD=5V VIN=3V Step RL=2.2k 0.2 0.4 0.6 0.8 1 VOD (V) 1.2 1.4 1.6 1.8 2
4.5
5 VS (V)
5.5
6
6 0
Propagation Delay vs Overdrive 11 10.5 10 Delay Time (ns) 9.5 9 8.5 8 7.5 7 0 TpdVS=5V VSD=5V RL=2.2k VIN=5V Step Delay Time (ns) Tpd+ 20 18 16 14 12 10 8 6
Propagation Delay vs Source Resistance
VS=5V VSD=5V RL=2.2k VIN=1V Step VOD=50mV Tpd+
Tpd-
0.5
1
1.5 VOD (V)
2
2.5
3
4 0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Source Resistance (k)
4
EL5481, EL5482 Typical Performance Curves
Output Low Voltage vs Load Current 0.31 4.75 4.7 0.27 TA=85C Output High Voltage (V) 4.65 4.6 4.55 4.5 4.45 4.4 4.35 4.3 0 2 4 6 8 10 0 2 4 6 8 10 TA=85C TA=25C TA=-40C VS=5V VSD=5V VIN=50mV
(Continued)
Output High Voltage vs Load Current
Output Low Voltage (V)
TA=25C 0.23
0.19
TA=-40C
VS=5V VSD=5V VIN=-50mV
0.15
Load Current (mA) Digital Supply Current vs Input Switching Frequency (per comparator) 30 VS=5V 25 Power Dissipation (W) 1.2 1087mW 1 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 40 45 50 0 25 909mW
SO 16
Load Current (mA)
Power Dissipation vs Ambient Temperature 1.4
20 ISD (mA)
QS OP 2
41
15
15
VSD=5V VSD=3V
C /
W
JA =
10
11
0 C/ W
5
0
50
75 85
100
125
150
Frequency (MHz)
Ambient Temperature (C)
Output with 30MHz Input VIN=1VP-P VIN=1VP-P FIN=30MHz VS=5V VSD=5V
Output with 30MHz Input VIN=3VP-P
VIN=3VP-P FIN=30MHz
VS=5V VSD=5V
VO
VO
VIN
VIN
1V
2V
20ns
2V
2V
20ns
5
EL5481, EL5482 Timing Diagram
Compare Latch Enable Input Latch Differential Input Voltage ts VIN VOS VOD th Latch tpw(D) Latch Compare
1.4V
tpd-
td+
Comparator Output
2.4V
Definition of Terms
TERM VOS VIN VOD tpd+ tpdtd+ tdts th tpw (D) DEFINITION Input Offset Voltage - Voltage applied between the two input terminals to obtain CMOS logic threshold at the output Input Voltage Pulse Amplitude - Usually set to 1V for comparator specifications Input Voltage Overdrive - Usually set to 50mV and in opposite polarity to VIN for comparator specifications Input to Output High Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to the CMOS logic threshold of an output low to high transition Input to Output Low Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to the CMOS logic threshold of an output high to low transition Latch Disable to Output High Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a low to high transition to the point of the output crossing CMOS threshold in a low to high transition Latch Disable to Output Low Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a low to high transition to the point of the output crossing CMOS threshold in a high to low transition Minimum Setup Time - The minimum time before the negative transition of the latch signal that an input signal change must be present in order to be acquired and held at the outputs Minimum Hold Time - The minimum time after the negative transition of the latch signal that an input signal must remain unchanged in order to be acquired and held at the output Minimum Latch Disable Pulse Width - The minimum time that the latch signal must remain high in order to acquire and hold an input signal change
6
EL5481, EL5482 Pin Descriptions
14-PIN QSOP 1 16-PIN SO (0.150") 1 PIN NAME INAFUNCTION Negative input, channel A EQUIVALENT CIRCUIT
VS+
IN-
IN+
VSCircuit 1
2 3,10,15,22 4 5
2
INA+ NC
Positive input, channel A Not Connected Digital ground Latch input, channel A
(Reference circuit 1)
3
GND LATCHA
VS+
VSD
LATCH
VSCircuit 2
6
4
OUTA
Output, channel A
VSD
VS+
OUT
VSCircuit 3
7 8 9 11 12 13 14 16 17 18 19 20 21 23 24
5
OUTB LATCHB
Output, channel B Latch input, channel B Negative supply voltage Positive input, channel B Negative input, channel B Negative input, channel C Positive input, channel C Digital supply voltage Latch input, channel C Output, channel C Output, channel D Latch input, channel D Positive supply voltage Positive input, channel D Negative input, channel D
(Reference circuit 3) (Reference circuit 2)
6 7 8 9 10 11
VSINB+ INBINCINC+ VSD LATCHC
(Reference circuit 1) (Reference circuit 1) (Reference circuit 1) (Reference circuit 1)
(Reference circuit 2) (Reference circuit 3) (Reference circuit 3) (Reference circuit 2)
12 13
OUTC OUTD LATCHD
14 15 16
VS+ IND+ IND-
(Reference circuit 1) (Reference circuit 1)
7
EL5481, EL5482 Applications Information
Power Supplies and Circuit Layout
The EL5481 and EL5482 comparators operate with single and dual supply with 5V to 12V between VS+ and VS-. The output side of the comparators is supplied by a single supply from 2.7V to 5V. The rail to rail output swing enables direct connection of the comparator to both CMOS and TTL logic circuits. As with many high speed devices, the supplies must be well bypassed. Elantec recommends a 4.7F tantalum in parallel with a 0.1F ceramic. These should be placed as close as possible to the supply pins. Keep all leads short to reduce stray capacitance and lead inductance. This will also minimize unwanted parasitic feedback around the comparator. The device should be soldered directly to the PC board instead of using a socket. Use a PC board with a good, unbroken low inductance ground plane. Good ground plane construction techniques enhance stability of the comparators. increases for low overdrive voltages. With high overdrive voltages, the propagation delay does not change much with the input slew rate.
Latch Pin Dynamics
The EL5482 contains a "transparent" latch for each channel. The latch pin is designed to be driven with either a TTL or CMOS output. When the latch is connected to a logic high level or left floating, the comparator is transparent and immediately responds to the changes at the input terminals. When the latch is switched to a logic low level, the comparator output remains latched to its value just before the latch's high-to-low transition. To guarantee data retention, the input signal must remain the same state at least 1ns (hold time) after the latch goes low and at least 2ns (setup time) before the latch goes low. When the latch goes high, the new data will appear at the output in approximately 6ns (latch propagation delay). The EL5481 has no latch pins.
Hysteresis
Hysteresis can be added externally. The following two methods can be used to add hysteresis. Inverting comparator with hysteresis:
VREF R2 R1 VIN + R3
Input Voltage Considerations
The EL5481 and EL5482 input range is specified from 0.1V below VS- to 2.25V below VS+. The criterion for the input limit is that the output still responds correctly to a small differential input signal. The differential input stage is a pair of PNP transistors, therefore, the input bias current flows out of the device. When either input signal falls below the negative input voltage limit, the parasitic PN junction formed by the substrate and the base of the PNP will turn on, resulting in a significant increase of input bias current. If one of the inputs goes above the positive input voltage limit, the output will still maintain the correct logic level as long as the other input stays within the input range. However, the propagation delay will increase. When both inputs are outside the input voltage range, the output becomes unpredictable. Large differential voltages greater than the supply voltage should be avoided to prevent damages to the input stage. Inputs of unused channels should not be left floating. They should be driven to a known state. For example, one input can be tied to ground and the other input can be connected to some voltage reference (like 100mV) to avoid oscillation in the output due to unwanted output to input feedback.
R3 adds a portion of the output to the threshold set by R1 and R2. The calculation of the resistor values are as follows: Select the threshold voltage VTH and calculate R1 and R2. The current through R1/R2 bias string must be many times greater than the input bias current of the comparator:
R1 V TH = V REF x -------------------R +R
1 2
Let the hysteresis be VH, and calculate R3:
VO R 3 = ------- x ( R 1 || R 2 ) VH
where: VO=VSD-0.8V (swing of the output) Recalculate R2 to maintain the same value of VTH:
V TH V TH - 0.5V SD R 2 1 = ( V REF - V TH ) / ---------- + ------------------------------------- R3 R1
Input Slew Rate
Most high speed comparators oscillate when the voltage of one of the inputs is close to or equal to the voltage on the other input due to noise or undesirable feedback. For clean output waveform, the input must meet certain minimum slew rate requirements. In some applications, it may be helpful to apply some positive feedback (hysteresis) between the output and the positive input. The hysteresis effectively causes one comparator's input voltage to move quickly past the other, thus taking the input out of the region where oscillation occurs. For the EL5481 and EL5482, the propagation delay increases when the input slew rate
Non inverting comparator with hysteresis:
R3 VIN R1 VREF + -
8
EL5481, EL5482
R3 adds a portion of the output to the positive input. Note that the current through R3 should be much greater than the input bias current in order to minimize errors. The calculation of the resistor values as follows: Pick the value of R1. R1 should be small (less than 1k) in order to minimize the propagation delay time. Choose the hysteresis VH and calculate R3:
R1 R 3 = ( V SD - 0.8 ) x ------V
H
maximum junction temperature can be determined as follows:
T JMAX = T MAX + JA x P DISS
where: TMAX is the maximum ambient temperature JA is the thermal resistance of the package
Threshold Detector
The inverting input is connected to a reference voltage and the non-inverting input is connected to the input. As the input passes the VREF threshold, the comparator's output changes state. The non-inverting and inverting inputs may be reversed.
VIN VREF + VOUT
Check the current through R3 and make sure that it is much greater than the input bias current as follows:
0.5V SD - V REF I = ----------------------------------------R3
The above two methods will generate hysteresis of up to a few hundred millivolts. Beyond that, the impedance of R3 is low enough to affect the bias string and adjustment of R1 may be required.
Crystal Oscillator
A simple crystal oscillator using one comparator of an EL5481 and EL5482 is shown below. The resistors R1 and R2 set the bias point at the comparator's non-inverting input. Resistors R3, R4, and C1 set the inverting input node at an appropriate DC average voltage based on the output. The crystal's path provides resonant positive feedback and stable oscillation occurs. Although the EL5481 and EL5482 will give the correct logic output when an input is outside the common mode range, additional delays may occur when it is so operated. Therefore, the DC bias voltages at the inputs are set about 500mV below the center of the common mode range and the 200 resistor attenuates the feedback to the non-inverting input. The circuit will operate with most AT-cut crystal from 1MHz to 8MHz over a 2V to 7V supply range. The output duty cycle for this circuit is roughly 50% at 5V VCC, but it is affected by the tolerances of the resistors. The duty cycle can be adjusted by changing VCC value.
5V 200 R1 5k + R2 1.5k R3 C1 0.01F R4 2k 2k VOUT 1MHz to 8MHz
Power Dissipation
When switching at high speeds, the comparator's drive capability is limited by the rise in junction temperature caused by the internal power dissipation. For reliable operation, the junction temperature must be kept below TJMAX (125C). An approximate equation for the device power dissipation is as follows. Assume the power dissipation in the load is very small:
P DISS = ( V S x I S + V SD x I SD ) x N
where: VS is the analog supply voltage from VS+ to VSIS is the analog quiescent supply current per comparator VSD is the digital supply voltage from VSD to ground ISD is the digital supply current per comparator N is the number of comparators in the package ISD strongly depends on the input switching frequency. Please refer to the performance curve to choose the input driving frequency. Having obtained the power dissipation, the
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 9


▲Up To Search▲   

 
Price & Availability of EL5482CU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X